Part Number Hot Search : 
25RIA20 97A37 15KPJ58 97A37 C486FD19 BP60130 B3925 TC124
Product Description
Full Text Search
 

To Download RX-0509D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ec 40 www.recom-international.com august 2002 selection guide econoline - dc/dc-converter rx and ry series, 1 watt, dip14/sip7, regulated (dual output) specifications (core operating area) and operating temperature / derating-graph output power (watts) 2.0 1.5 0.5 1.0 100 50 0 -40 71 125 150 operating temperature ?c safe operating area 0 part part input output output efficiency number number voltage voltage current dip14 sip7 (vdc) (vdc) (ma) (%) rx-xx05d ry-xx05d 5, 9, 12, 15, 24 ? v ?00 54 rx-xx09d ry-xx09d 5, 9, 12, 15, 24 ? v 55 58 rx-xx12d ry-xx12d 5, 9, 12, 15, 24 ?2 v 42 62 rx-xx15d ry-xx15d 5, 9, 12, 15, 24 ?5 v 33 65 rx-xx24d ry-xx24d 5, 9, 12, 15, 24 ?4 v 21 65 input voltage ?% input filter capacitor type output voltage accuracy ?.5% line voltage regulation ?.05% / ?.0% load voltage regulation (20% to 100% full load) ?.5% / ?.0% ripple and noise (20mhz limited) 100mvp-p max. efficiency at full load 50% min. isolation voltage 1.000vdc min. isolation resistance (viso = 500vdc) 10 g ? min. isolation capacitance 40pf min./72pf max. short circuit protection 1 second switching frequency at full load 30khz min. / 88khz max. operating temperature -40? to +71? (see graph) storage temperature -55? to +125? package weight rx types 2.7g ry types 2.8g controllable output 1kvdc isolation ul94v-0 package material no heatsink required fully encapsulated no external components t oroidal magnetics features t ypical applications 5 vcc gnd 0v 1 vout 2 4 6 nc ctrl ry -xx12 vo ut = 12v, ttl = 0v vo ut = 1.2v, ttl = 1v vcc gnd 0v 1 2 4 6 ctrl ttl input 2n2219, bc107, ztx451 or similar transistors capable of sinking 50ma continuous current 0v 5 1k ? ry -xx12 flash prom programming voltage control normal isolated regulated output
www.recom-international.com ec 41 august 2002 econoline - dc/dc-converter rx and ry series, 1 watt, dip14/sip7, regulated (dual output) package style and pinning (mm) 3rd angle projection 12 4 6 ry-0 512d recom **** 5 4.10 0.51 typ. 0.51 typ. 10.20 ry -0512d recom **** 7.05 19.65 1.27 0.25 12.70 2.0 12 4 56 10.00 rx-0512d recom **** 19.90 7.62 3.05 7.10 15.24 2.0 bottom view 9 14 1 8 67 1.00 +0.15/? 2.54 2.54 2.54 1.00 +0.15/? 2.54 xx.x 0.5 mm xx.xx 0.25 mm pin connections pin # rx ry 1 ?in +vin 2 no pin ?in 4 no pin vout 5 no pin com 6+v out +vout 7 com no pin 8v out no pin 9 com no pin 14 +vin no pin recommended footprint details 7 pin sip package 14 pin dip package


▲Up To Search▲   

 
Price & Availability of RX-0509D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X